Part Number Hot Search : 
KAP103ET MAX14532 IRF131 JE270 NLX2G TC1797 TFB4014 202750
Product Description
Full Text Search
 

To Download MK3P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n exceptionally reliable general purpose relay n long life (minimum 100,000 electrical operations) assured by silver contacts n built-in operation indicator (mechanical, led), diode surge suppression, varistor surge suppression n the contact operation can be easily checked by mechanical indicator and/or push-to-test button options n conforms to cenelec standards n vde approved versions available general purpose relay mk ordering information to order: select the part number and add the desired coil voltage rating (e.g., MK3P5-s- ac120 ). note: 1. reverse polarity versions available on dc coil types. consult your omron representative for further information. 2. vde approved versions are available. consult your omron representative for further information. part number mechanical mechanical indicator type terminal coil contact form indicator & push-to-test button standard plug-in ac/dc dpdt mk2p-i mk2p-s 3pdt MK3P-5-i MK3P-5-s led indicator dpdt mk2pn-i mk2pn-s 3pdt MK3Pn-5-i MK3Pn-5-s led indicator and diode dc dpdt mk2pnd-i mk2pnd-s 3pdt MK3Pnd-5-i MK3Pnd-5-s led indicator and varistor ac dpdt mk2pnv-i mk2pnv-s 3pdt MK3Pnv-5-i MK3Pnv-5-s diode dc dpdt mk2pd-i mk2pd-s 3pdt MK3Pd-5-i MK3Pd-5-s varistor ac dpdt mk2pv-i mk2pv-s 3pdt MK3Pv-5-i MK3Pv-5-s n accessories (order separately) to order: select the appropriate part numbers for sockets, clips, and mounting tracks (if required) from the available types ch art. track mounted sockets part number relay type socket relay hold-down clip mounting track/end plate spdt pf083a-e pfc-a1 pfp-100n or pfp-50n and dpdt pfp-m (end plate) 3pdt pf113a-e pfc-a1 pfp-100n or pfp-50n and pfp-m (end plate) www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
2 mk mk n coil data note: 1. the rated current and coil resistance are measured at a coil temperature of 23 c (73 f) with a tolerance of 15% for dc rated current and +15%, -20% for ac rated current. 2. the rated current is reference value. 3. performance characteristic data are measured at a coil temperature of 23 c (73 f). 4. for models with the led indicator built-in, add an led current of approximately 0 thru 5 ma to the rated current. specifications n contact data resistive load (p.f. = 1) load 2 pole 3 pole inductive load (p.f. = 0.4) rated load 10 a at 250 vac 10 a at 120 vac 7 a at 250 vac 10 a at 28 vdc 10 a at 28 vdc 10 a at 250 vac contact material ag carry current 10 a max. operating voltage 250 vac, 250 vdc max. operating current 10 a max. switching capacity 2,500 va 2,500 va/1,250 va (no/nc contacts) 1,750 va 280 w 280 w min. permissible load 10 ma at 1 vdc rated rated coil coil inductance pick-up dropout maximum power voltage current (ma) resistance (ref. value) (h) voltage voltage voltage consumption (vac) (at 60 hz) ( w ) armature off armature on % of rated voltage (mw) 6 360 3.9 0.0423 0.0201 80% max. 30% min. 110% max. approx. 12 180 16.3 0.3270 0.1666 approx. (at 60 hz) 2.3 va 24 88.0 68.0 0.6940 0.3760 2.7 va 25% min. (at 60 hz) 50 39.0 338 3.195 1.530 (at 50 hz) approx. 110 21.0 1240 13.45 7.32 2.7 va 120 18.0 1578 15.04 7.19 (at 50 hz) 220 11.0 5090 49.73 27.02 240 9.2 6737 58.62 32.07 rated rated coil coil inductance pick-up dropout maximum power voltage current (ma) resistance (ref. value) (h) voltage voltage voltage consumption (vdc) (at 60 hz) ( w ) armature off armature on % of rated voltage (mw) 6 255 23.5 0.206 0.106 80% max. 15% min. 110% max. approx. 12 126 95 0.963 0.449 approx. 1.5 w 24 56 430 4.915 2.478 2.7 va 48 29.5 1630 16.685 10.487 110 15.1 7300 80.2 42.6 ac dc back connecting sockets part number relay type socket relay hold-down clip spdt pl08 plc-e dpdt ple08-0 plc-10 pl08-q plc-e 3pdt pl11 plc-e ple11-0 plc-10 pl11-q plc-e n accessories (continued) www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
3 mk mk n characteristics contact resistance 50 m w max. operate time ac: 20 ms max. dc: 30 ms max. release time 20 ms max. operating frequency mechanical 18,000 operations/hour electrical 1,800 operations/hour (under rated load) insulation resistance 100 m w min. (at 500 vdc) dielectric strength 2,500 vac, 50/60 hz for 1 minute between coil and contacts 1,000 vac, 50/60 hz for 1 minute between contacts of same poles, between terminals of the same polarity 2,500 vac, 50/60 hz for 1 minute between current-carrying parts, noncurrent- carrying parts, and terminals of opposite polarity vibration mechanical durability 10 to 55 hz, 1.50 mm (0.06 in) double amplitude malfunction durability 10 to 55 hz, 1.00 mm (0.04 in) double amplitude shock mechanical durability 1,000 m/s 2 (approx. 100 g) malfunction durability 100 m/s 2 (approx. 10 g) ambient temperature operation: -10 to 40 c (14 to 104 f) humidity 35 to 85% rh service life mechanical 10 million operations min. (at operating frequency of 18,000 operations/hour) electrical 100,000 operations at rated load (at operating frequency of 1,800 operations/hour) weight approx. 0.85 g (3.0 oz) note: data shown are of initial value. n characteristic data maximum switching capacity electrical service life mk2p-s, MK3P5-s mk2p-s, MK3P5-s rated operating voltage (v) rated operating current (a) rated operating current (a) service life (x 10 6 operations) www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
4 mk mk n terminal arrangement (bottom view) standard type (ac/dc coil) led indicator type (ac coil) mk2p-i, s MK3P5-i, -s mk2pn-i, -s MK3Pn-5-i, -s led indicator type (dc coil) diode type (dc coil) mk2pn-i, -s MK3Pn-5-i, -s mk2pd-i, -s MK3Pd-5-i, -s varistor type (ac coil) led indicator and diode type (dc coil) mk2pv-i, -s MK3Pv-5-i, -s mk2pnd-i, -s MK3Pnd-5-i, -s led indicator and varistor type (ac coil) mk2pnv-i, -s MK3Pnv-5-i, -s unit: mm (inch) dimensions n relays www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
5 mk mk track mounted socket pf083a-e (conforming to din en 50022) terminal mounting mounting dimensions arrangement holes of relay with socket note: model pf083a-e can be used as a front connecting socket. track mounted socket pf113a-e (conforming to din en 50022) terminal mounting mounting dimensions arrangement holes of relay with socket note: model pf113a-e can be used as a front connecting socket. back connecting socket printed circuit mk2 sockets (8 pin) board socket pl08 (ul file no. e87929) pl08-q ple08-0 solder terminals wire wrap terminals mounting holes pl08 type sockets and mk2 relay recommended pcb layout pl08 total height dimension ple08-0 n accessories www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
6 mk mk n accessories (continued) mounting tracks pfp-100n/pfp-50n pfp-100n2 (conforming to din en 500022) (conforming to din en 500022) note: 1. *this dimension applies to mounting track pfp-50n. 2. a total of twelve 25 x 4.50 mm (0.98 x 0.18 in) elliptic holes is provided with six holes cut from each rail end at a pitch of 10 mm (0.39 in) holes. pfp-m end plate note: use of type pfp-m end plate is recommended to secure the socket on the mounting track. be sure that the engraved arrow mark on the surface of the end plate faces upward and then tighten the screw firmly with a screwdriver. unit: mm (inch) back connecting socket printed circuit mk3 sockets (11 pin) board socket pl11 (ul file no. e87929) pl11-q ple11-0 solder terminals wire wrap terminals mounting holes pl11 type sockets and mk3 relay recommended pcb layout pl11 t otal height dimension ple11-0 www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
7 mk mk type contact form coil ratings contact ratings mk2p-i, -s dpdt 6 to 250 vac 10 a, 250 vac, resistive 6 to 110 vdc 10 a, 28 vdc, resistive 7 a, 250 vac, inductive MK3P5-i, -s 3pdt 6 to 250 vac 10 a, 120 vac, resistive 6 to 110 vdc 10 a, 28 vdc, resistive 10 a, 250 vac, resistive 7 a, 250 vac, inductive n approvals ul (file no. e41515)/csa (file nos. lr41408 and lr335535) note: 1. the rated values approved by each of the safety standards (e.g., ul and csa) may be different from the performance characteristics individually defined in this catalog. 2. vde, nemko and semko versions are available. please consult your omron representative for further information. 3. in the interest of product improvement, specifications are subject to change. type contact form coil ratings contact ratings mk2p-i, -s dpdt 6 to 110 vdc 10 a, 250 vac (no) (cos? = 1) 5 a, 250 vac (nc) (cos? = 1) 10 a, 280 vdc (no) MK3P5-i, -s 3pdt 6 to 240 vac 5 a, 280 vdc (nc) 7 a, 250 vac (cos? = 0.4) sev, demko type contact form coil ratings contact ratings mk2p-i, -s dpdt 6, 12, 24, 48, 10 a, 250 vac (no) (cos? = 1) 100, 110 vdc 5 a, 250 vac (nc) (cos? = 1) 10 a, 280 vdc (no) MK3P5-i, -s 3pdt 6, 12, 24, 50, 5 a, 280 vdc (nc) 110, 115, 120, 7 a, 250 vac (cos? = 0.4) 200, 220, 230, 240 vac tuv (file no. r9051410) omron electronics, inc. omron canada, inc. one east commerce drive 885 milner avenue schaumburg, il 60173 scarborough, ontario m1b 5v8 1-800-55-omron 416-286-6465 cat . n o . gc r l y 7 01/ 00 specifications subject to change without notice . p r inted in the u . s .a. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com


▲Up To Search▲   

 
Price & Availability of MK3P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X